|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
5mm Flat Yellow LED OSY5SA57E1A Features High Luminous LEDs 5mm Flat Standard Directivity Superior Weather-resistance UV Resistant Epoxy Water Clear Type Outline Dimension Applications Electronic Signs And Signals Small Area Illuminations Back Lighting Other Lighting Absolute Maximum Rating Item DC Forward Current Pulse Forward Current* Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Lead Soldering Temperature *Pulse width Max.10ms Directivity Value 30 100 5 72 -30 ~ +85 -40~ +100 260 /5sec mA mA V mW IF IFP VR PD Topr Tstg Tsol Symbol Duty ratio max 1/10 Electrical -Optical Characteristics Item DC Forward Voltage DC Reverse Current Domi. Wavelength* Luminous Intensity* 50% Power Angle Symbol VF IR D Iv 21/2 Condition IF=20mA VR=5V IF=20mA IF=20mA IF=20mA Min. 1.8 585 - Typ. 2.1 590 450 140 Max. 2.4 10 595 V A nm mcd deg *1 Tolerance of dominant wavelength is +1nm *2 Tolerance of luminous intensity is +15% LED & Application Technologies VER A.0 |
Price & Availability of OSY5SA57E1A |